PART |
Description |
Maker |
M21131G-22 M21131G-13 |
72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch with Amplif-EYE Signal Conditioning
|
M/A-COM Technology Solu...
|
DS1099U DS1099 DS1099U-F DS1099U-M DS1099U-G DS109 |
16 Hz, Low-frequency dual econ oscillator 8.187 kHz, Low-frequency dual econ oscillator 16.375 kHz, Low-frequency dual econ oscillator 32.750 kHz, Low-frequency dual econ oscillator Space-Saving, 8-Channel Relay/Load Driver Low-Frequency Dual EconOscillator 511.7 Hz, Low-frequency dual econ oscillator 255.8 Hz, Low-frequency dual econ oscillator 1 Hz, Low-frequency dual econ oscillator
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
MAX7384B MAX7384CRVT MAX7384CRVB MAX7384CMUK MAX73 |
11.0592 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output 12 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 14-CDIP -55 to 125 硅振荡器的低功耗高频开关和复位输出 14.7456 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output 10 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|
2SC3357 2SC3357-T2 2SC3357RF 2SC3357-T1 |
For amplify high frequency and low noise. NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
NEC Corp.
|
2SA1298 E000497 |
TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER/ SWITCHING APPLICATIONS) TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER, SWITCHING APPLICATIONS) LOW FREQUENCY POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
SA8027 SA8027DH SA8027W |
2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
|
PHILIPS[Philips Semiconductors]
|
KSD986 |
NPN (LOW FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING INDUSTRIAL USE)
|
SAMSUNG[Samsung semiconductor]
|
2.0000LSMA050UC 2.0000LSMB050UC 2.0000LSMC050UC 2. |
Low Power - Low Frequency SMD Oscillator
|
EUROQUARTZ limited
|
2SC5066Y 2SC5069 |
NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier, Driver Applications SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
SANYO
|
2SD2163 |
Silicon power transistor NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED HIGH-CURRENT SWITCHING
|
NEC
|
2SA900 2SA0900 |
For low-frequency Power amplification Complementary 1 A, 18 V, PNP, Si, POWER TRANSISTOR, TO-126
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|